|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SA5V0(C)A - SA170(C)A Transient Voltage Suppressors SA5V0(C)A - SA170(C)A Features * * * * * Glass passivated junction. 500W Peak Pulse Power capability on 10/1000 s waveform. Excellent clamping capability. Low incremental surge resistance. Fast response time; typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0 ns for bidirectional. Typical IR less than 1.0 A above 10V. DO-15 COLOR BAND DENOTES CATHODE ON UNIDIRECTIONAL DEVICES ONLY. NO COLOR BAND ON BIDIRECTIONAL DEVICES. * DEVICES FOR BIPOLAR APPLICATIONS - Bidirectional types use CA suffix. - Electrical Characteristics apply in both directions. 500 Watt Transient Voltage Suppressors Absolute Maximum Ratings* Symbol PPPM IPPM PD IFSM Tstg TJ TA = 25C unless otherwise noted Parameter Peak Pulse Power Dissipation on 10/1000 s waveform Peak Pulse Current on 10/1000 s waveform Power Dissipation .375 " lead length @ TA = 75C Non-repetitive Peak Forward Surge Current superimposed on rated load (JEDEC method) Storage Temperature Range Operating Junction Temperature Value 500 see table 1.0 (Note 1) Units W A W A C C 70 -65 to +175 + 175 *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. Note 1: Measured on 8.3 ms single half-sine wave or equivalent square wave; Duty cycle = 4 pulses per minute maximum. 2002 Fairchild Semiconductor Corporation SA5V0(C)A - SA170(C)A, Rev. D SA5V0(C)A - SA170(C)A Transient Voltage Suppressors (continued) Electrical Characteristics Uni-directional Bi-directional (C) Device SA5V0(C)A SA6V0(C)A SA6V5(C)A SA7V0(C)A SA7V5(C)A SA8V0(C)A SA8V5(C)A SA9V0(C)A SA10(C)A SA11(C)A SA12(C)A SA13(C)A SA14(C)A SA15(C)A SA16(C)A SA17(C)A SA18(C)A SA20(C)A SA22(C)A SA24(C)A SA26(C)A SA28(C)A SA30(C)A SA33(C)A SA36(C)A SA40(C)A SA43(C)A SA45(C)A SA48(C)A SA51(C)A SA54(C)A SA58(C)A SA60(C)A SA64(C)A SA70(C)A SA75(C)A SA78(C)A SA85(C)A SA90(C)A SA100(C)A SA110(C)A SA120(C)A SA130(C)A SA150(C)A SA160(C)A SA170(C)A Reverse Stand-off Voltage VRWM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 TA = 25C unless otherwise noted Breakdown Voltage VBR (V) min 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 max 7.00 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104.0 111.0 123.0 135.0 147.0 159.0 185.0 197.0 209.0 Test Current IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Clamping Voltage Peak Pulse @IPPM Current VC (V) IPPM (A) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 54.3 48.5 44.7 41.7 38.8 36.7 34.7 32.5 29.4 27.4 25.1 23.2 21.5 20.6 19.2 18.1 17.2 15.4 14.1 12.8 11.9 11.0 10.3 9.4 8.6 7.8 7.2 6.9 6.5 6.1 5.7 5.3 5.2 4.9 4.4 4.1 4.0 3.6 3.4 3.1 2.8 2.7 2.4 2.1 1.9 1.8 Reverse Leakage VRWM IR (uA)* 600 600 400 150 50 25 10 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 * For bidirectional parts with VRWM<10V, the IR max limit is doubled. SA5V0(C)A - SA170(C)A, Rev. D SA5V0(C)A - SA170(C)A Transient Voltage Suppressors (continued) Typical Characteristics 100 100 TA = 25 C 75 Pulse Power [%] Pulse Power [kW] 10 50 1 25 0.1 0.0001 0 0.001 0.01 0.1 Pulse Width [ms] 1 10 0 25 50 75 100 125 150 Ambient Temperature [C] 175 200 Figure 1. Peak Pulse Power Rating Curve Figure 2. Pulse Derating Curve 150 tf = 10sec Total Capacitance, CT [pF] Peak Pulse Current [%] 100 Peak Value Ippm T A = 25 C Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of Ipp 6000 4000 2000 1000 500 200 100 50 20 4 10 1 Measured at Stand-Off Voltage (V mw) T A = 25 C f = 1.0 MHz Visg = 50m Vp-p Measured at Zero Bias Half Value-Ipp 2 50 10/1000sec Waveform as Defined by R.E.A. td e-kt 0 0 1 2 Time [ms] 3 5 10 50 Reverse Voltage, VR [V] 100 200 Figure 3. Pulse Waveform Figure 4. Total Capacitance - Unidirectional Peak Forward Surge Current, IFSM [A] 1.6 1.4 Power Dissipation [W] 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 Lead Temperature [C] 175 200 100 T A = T Amax 8.3ms Single Half Sine-Wave JEDEC Method 50 20 10 1 2 Figure 5. Steady State Power Derating Curve 5 10 20 Number of Cycles at 60Hz 50 100 Figure 6. Non-Repetitive Surge Current SA5V0(C)A - SA170(C)A, Rev. D TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx Bottomless CoolFET CROSSVOLT DenseTrench DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series DISCLAIMER FAST a FASTr FRFET GlobalOptoisolator GTO HiSeC I2C ISOPLANAR LittleFET MicroFET MicroPak MICROWIRE OPTOLOGIC a OPTOPLANAR PACMAN POP Power247 PowerTrench a QFET QS QT Optoelectronics Quiet Series SILENT SWITCHER a UHC SMART START UltraFET a SPM VCX STAR*POWER Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation STAR*POWER is used under license FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production Rev. H5 |
Price & Availability of SA45A |